hcmd?05?s?03?02?t www.samtec.com mates with: tsw, mtsw, tst, ew, bst, lcw, zst, mtlw, tsm male plug on one end with socket on other. begin part number with hcm. socket or male plug on each end socket or male plug on one end note: idc assemblies are non-standard, non-returnable. end assembly .100" idc cable strips hcmd, hcms, hcsd, hcss, cb row option type strip no. pins per row = (3,30) .130 (0,51) .020 (2,54) .100 (0,64) .025 sq typ (5,08) .200 (2,54) .100 (3,05) .120 double (hcmd) single (hcms) no. of positions x .100 (2,54) + .180 (4,57) (7,87) .310 ref (3,30) .130 (2,54) .100 (5,08) .200 (2,54) .100 double (hcsd) single (hcss) (0,76) .030 sq. typ. no. of positions x .100 (2,54) + .180 (4,57) (9,53) .375 ref d = double (color coded cable n/a for 31 thru 36 pins/row. see ?g option.) = single s speci? cations: hcsd, hcss insulator material: black liquid crystal polymer flammability rating: ul 94v-o insulation resistance: 5000 m temperature range: -20c to +105c (rainbow cable) -40c to +105c (gray cable) withstanding voltage: 1000 vrms @ 60 hz contact: phosphor bronze plating: 10" (0,25m) on contact area, 150" (3,81m) sn on balance over 50" (1,27m) ni. current rating: 1a contact resistance: 10 m max lead size range: .024" (0,61mm) sq to .026" (0,66mm) sq lead insertion depth: .185" (4,70mm) to .250" (6,35mm) insertion force: 6 oz avg (1,67n) average with .025" (0,64mm) sq probe withdrawal force: 3 oz avg (0,83n) average with .025" (0,64mm) sq probe wire: 28 awg 7/36 stranded tinned copper rohs compliant: ye s speci? cations: hcmd, hcms insulator material: black liquid crystal polymer flammability rating: ul 94v-o insulation resistance: 5000 m temperature range: -55c to +80c withstanding voltage: 1000 vrms @ 60 hz terminal: phosphor bronze plating: sn over 50" (1,27m) ni current rating: 1a wire: 28 awg 7/36 stranded tinned copper rohs compliant: ye s ?05, ?08, ?10, ?12, ?13, ?15, ?17, ?20, ?25, ?36 ?s hcs socket strip hcm = male strip = single end also available (5,84mm) .230" tail length specify lead style ?02 instead of ?01 f-208 supplement assembled length assembled length in inches (1/8") 2 inches minimum ??xx? = assembled length ?d = double end ?t = transfer end
hcsd?12?s?03?01?t www.samtec.com 6 same as ?s ?xx? except outer strip connected to conductor #2 and inside strip connected to conductor #1. breakout starts with number 1 lead indicated by brown wire or red stripe. shown on top side. 4 #1 wire opposite position #1 5 ?xx? (127,00) 5.00 max. (50,80) 2.00 min. (50,80) 2.00 min. (101,60) 4.00 minimum 6 when mating double row connector with two single row connectors, the outer most single will be connected to conductor #1 and the inside single to conductor #2. outer most (end of assembly) ?xx? 1 / 8 " (3,18) single row connectors (50,80) 2.00 min. (101,60) 4.00 minimum double row strips outer most (end of assembly) ?xx? 1 / 8 " (3,18) 6 other options notch polarization 2 standard cable is color coded. specify ?g for gray cable with one red edge. 1 specify ?xx? as position. for double the same position will be polarized on both ends. (not available on hcm, unless transfer, then only the socket is polarized) 01 03 02 04 01 03 single double 02 04 specify suf? x from table. all dimensions are 1 / 16 " (1,59mm) . not available in 28 positions and higher. 3 specify ?xx? as number of conducts to be broken out. requires ?sxx, ?wxx or ?dxx 7 requires ?sxx, ?wxx or ?dxx 7 7 required for hcss and hcsd. (not available on hcms or hcmd, unless transfer, then only the socket is polarized.) plating option 01 tin (standard on hcms & hcmd. leave blank) ?t = ?s = 02 (3,81) .150 (1,27) .050 01 ?n = notch polarization ?r = reversed ?w ?xx? = wiring reversed daisy chain, single ?rw = reversed wiring ?s ?xx? = daisy chain single ? d ?xx? = daisy chain, double ? p ?xx? = position polarization ?g = gray cable ? st ?x? = stripped & tinned ? b ?xx? = breakout ?m = middle reversed ?o = outside reversed .100" idc cable strips hcmd, hcms hcsd, hcss, cb 10" (0,25m) gold on contact area or tail, tin on balance (standard on hcss & hcsd. leave blank) 1 / 8 " (3,18) 1 / 4 " (6,35) 1 / 2 " (12,70) 3 / 8 " (9,53) ?st8 ?st4 ?st2 ?st3 f-208 supplement bulk idc flat cable (1,19) .047 nom (0,99) .039 (1,27) .050 cb-72-28- 7 / 36 -050-c = 72 conductor/color coded cb-36-28- 7 / 36 -100-c = 36 conductor/color coded cb-36-28- 7 / 36 -100-g = 36 conductor/gray
|